Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search
 

To Download 185BW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com k snap-acting tf series miniature snap-acting switches k snap-acting features/benefits ? broad range of operating forces ? ratings up to 21 amps ? w ide variety of actuator styles ? quick connect terminations typical applications ? motor controls ? thermostatics ? portable tools specifications contact rating: from low level* to 21 amps @ 277 v ac. electrical life: 300,000 cycles at 10 amps @ 250 v ac, consult customer service center for typical life of higherrated switches. insulation resistance: 1,000 m ohm min. dielectric strength: 1,500 vrms min. @ sea level. operating temperature: C0?oto 185? o?0?Ctoo85?). operating force: from 15 to 400 grams at actuator button available. mounting: torque screws 2-5 in/lbs. * low level=conditions where no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. standard electrical life per ul 1054, rated for 6,000 operations. materials switch housing: thermoplastic (ul 94v-0). actuator button: thermoplastic (ul 94v-0). spring: copper alloy. pivot: brass alloy. movable contacts: gold alloy for ratings 1 amp or less. fine silver for ratings greater than 1 amp up to 15 amps. precious metal alloy for ratings greater than 15 amps. stationary contacts: gold alloy for ratings 1 amp or less. fine silver for ratings greater than 1 amp. terminals: brass alloy for ratings up to 10 amps. copper alloy for ratings greater than 10 amps. note: specifications and materials listed above ar e switches with standard options. for information on specific and custom switches, consult customer service center. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages k-6 thr ough k-10. for additional options not shown in catalog, consult customer service center . t f series tf sp, mom. operating force cj 5.29 oz./150 grams cc .53 oz./15 grams cd .88 oz./25 grams cf 1.76 oz./50 grams cg 2.65 oz./75 grams ec 7.94 oz./225 grams ee 14.11 oz./400 grams electrical rating j6 15 a, 277 v ac; 1/2 hp, 125, 250 v ac; 5 a, 125 v ac 0.5 a, 125 v dc; 0.25 a, 250 v dc f5 1 a,125 v ac; 1 a, 3o v dc h8 5 a, 277 v ac; 1/10 hp, 125, 250 v ac j3 21 a, 277 v ac; 1 hp, 125 v ac; 2 hp, 250 v ac; 5 a, 125 v ac k6 11 a, 277 v ac; 1/3 hp, 125, 250 v ac; 0.5 a, 125 v dc; 0.25 a, 250 v dc l3 20 a, 250 v ac; 1 hp, 125 v ac; 2 hp 250 v ac v1 1 a,125 v ac; 1 a, 3o v dc (ul/csa) v2 5 a, 277 v ac; 1/10 hp, 125, 250 v ac (ul/csa); 5(2) a, 250 v ac (vde) v3 11 a, 277 v ac; 1/3 hp, 125, 250 v ac; 0.5 a, 125 v dc; 0.25 a, 250 v dc (ul/csa); 10(3) a, 25o v ac (vde) v4 21 a, 277 v ac; 1 hp, 125 v ac; 2 hp, 25o v ac; 5 a, 125 v ac 16(3) a, 25o v ac (vde) actuator p00 pin plunger a10 .81" lever roller, high force a15 1.34" lever roller, high force a20 1.05 lever roller, low force a25 1.56" lever roller, low force t10 .84" lever, high force t13 1.34" simula ted roller , high force t14 1.29" simulated roller, high force t15 1.40" lever , high force t16 2.34" lever , high force t18 2.75" lever, high force t20 1.10" lever, low force t23 1.56" simulated roller, low force t24 1.50 simulated roller, low force t25 1.62" lever, low force t26 2.57" lever , lo w force t28 2.97 lever, low force wp0 wide pin plunger terminations 40 .187 " quick connect 4a .250" quick connect 5a .250" offset quick connect 5b .187" offset quick connect cir cuitry c spdt w spst n.c. y spst n.o. mounting style s standard v metric
option code rohs compliant * rohs compatible * movable contact stationary contact electrical ra ting f5 ye s ye s gold alloy gold alloy from low level* to 1 amp @ 125 v ac, 1 amp @ 30 v dc. h8 ye s ye s 5 amps @ 277 v ac; 1/10 hp @ 125 & 250 v ac. j3 ye s ye s 21 amps @ 277 v ac; 1 hp @ 125 v ac; 2 hp @ 250 v ac; 5 amps @ 125 v ac ? j6 ye s ye s 15 amps @ 277 v ac; 1/2 hp @ 125 & 250 v ac; 5 amps @ 125 v ac ?0.5 amp @ 125 v dc; 0.25 amp @ 250 v dc. k6 ye s ye s 11 amps @ 277 v ac; 1/3 hp @ 125 & 250 v ac; 0.5 amp @ 125 v dc; 0.25 amp @ 250 v dc. l3 y es y es 20 amps @ 250 v ac; 1 hp @ 125 v ac; 2 hp @ 250 v ac kC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com k snap-acting tf series miniature snap-acting switches series operating force electrical ra ting tf miniature snap-acting switches Csp momentary *minimums may apply , consult customer service center. operating for ce option c?ot available with ?1 & t26?acuator options. operating force varies with actuator option, see actuator option section. basic switch operating option code force (oz./grams) cc .53 15 cd .88 25 cf 1.76 50 cg 2.65 75 cj 5.29 150 ec 7.94 225 ee * 14.11 400 all models with all options, . consult customer service center for availability and delivery of nonstandard ratings. * low level=conditions where no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. contact material silver alloy fine silver fine silver * note: see technical data section of this catalog for rohs compliant and compatible definitions and specifications.
kC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com k snap-acting tf series miniature snap-acting switches electrical rating mounting style s standard for 4-40 screw size curr ent rating: first number r epr esents r esistive rating; second number represents inductive (motor) rating. 10(3) cycles over 10,000 at rated current. 10e3 cycles over 50,000 at rated curr ent. 50e3 maximum rated use temperatur e. t_ _ alter nating current. ~ micr ogap construction (less than 3 mm). international rating symbols k snap-acting ? available x not available ** available with 4a & 5a terminations only, see page k-10. all models with all options, . consult customer service center for availability and delivery of nonstandard ratings. * low level=conditions wher e no ar cing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. operating force electrical amps cc cd cf cg cj ec ee rating (ref.) (15) (25) (50) (75) (150) (225) (400) f5 1 ? ? ? ? ? ? ? h8 5 ????? j3 21 x x x x ? ? ? j6 15 x x x x ? ? ? k6 11 x ?? ? ?? l3 20 x xxx ? ? ? v1 1 ? ? ? ? ? x x v2 5 x x ? ? ? ? ? v3 11 x x x ? ? ? ? v4 16 x x x x??? v metric for 3 mm scr ew size option code rohs compliant rohs comp atible movable cont act stationary cont act international electrical rating v1 ye s ye s gold alloy gold alloy from low level* to 1 amp @ 125 v ac; 1 amp @ 30 v dc (ul/csa). 0.1 (0.05) amp @ 250 v~ t85 50e3 (vde). v2 y es y es 5 amps @ 277 v ac; 1/10 hp @ 125 & 250 v ac (ul/csa). 5 (2) amps @ 250 v~ t85 50e3 (vde). v3 ye s ye s 11 amps @ 277 v ac; 1/3 hp @ 125 & 250 v ac; 0.5 amp @ 125 v dc; 0.25 amp @ 250 v dc (ul/csa). 10 (3) amps @ 250 v~ 50e3 t85 (vde). v4 ye s ye s precious metal alloy 21 amps @ 277 v ac; 1 hp @ 125 v ac; 2 hp @ 250 v ac; 16 (3) amps @ 250 v~ t85 10e3 (vde). contact material fine silver fine silver note: v1-v4 ratings available with a or 5bterminal styles only. * note: see technical data section of this catalog for rohs compliant and compatible definitions and specifications.
kC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com k snap-acting actuator tf series miniature snap-acting switches note: switch characteristics chart on following page. .19 di a . (4 ,8 ? .810 .0 75 (2 0, 57 1,91) .54 (1 3, 7) 1.56 (3 9, 6) 2 a2 5 .19 di a . (4 ,8 ? .810 .030 (2 0, 57 0,76 ) .32 (8 ,1 ) 1.34 (3 4, 0) 2 a1 5 .19 di a . (4 ,8 ? .810 .020 (2 0, 57 0,51 ) .32 (8 ,1 ) .81 (2 0, 6) 2 a1 0 .578 .015 (1 4, 68 0,38 ) .80 (2 0, 3) 1 p0 0 dim . d dim . c dim . b dim . a fi g . option co d e 2 a2 0 1.05 (2 6, 7) .54 (1 3, 7) .810 .050 (2 0, 57) 1,27 .19 di a . (4 ,8 ? .600 .0 20 (1 5, 24 0,51 ) .32 (8 ,1 ) .84 (2 1, 3) 3 t1 0 .600 .0 40 (1 5, 24 1,02 ) .32 (8 ,1 ) 1.40 (3 5, 6) 3 t1 5 .600 .065 (1 5, 24 1,65 ) .32 (8 ,1 ) 2.34 (5 9, 4) 3 t1 6 .600 .080 (1 5, 24 2,03 ) .32 (8 ,1 ) 2.75 (6 9, 9) 3 t1 8 .600 .050 (1 5, 24 1,27 ) .54 (1 3, 7) 1.10 (2 7, 9) 3 t2 0 .600 .070 (1 5, 24 1,78 ) .54 (1 3, 7) 1.62 (4 1, 1) 3 t2 5 .600 .150 (1 5, 24 3,81 ) .54 (1 3, 7) 2.57 (6 5, 3) 3 t2 6 t2 8 2.97 (7 5, 4) 3 .54 (1 3, 7) .600 .187 (1 5, 24 ) 4,75 .635 .015 (1 6, 13 0,38 ) .80 (2 0, 3) 5 wp0 .030 0,76 ) .19 di a . (4 ,8 ? .810 (2 0, 57 .32 (8 ,1 ) 1.34 (3 4, 0) 4 t1 3 .19 di a . (6 ,4 ? .730 .030 (1 8, 54 0,76 ) .32 (8 ,1 ) 1.29 (3 2, 8) 4 t1 4 .19 di a . (4 ,8 ? .810 .065 (2 0, 57 1,65 ) .54 (1 3, 7) 1.56 (3 9, 6) 4 t2 3 t2 4 1.50 (3 8, 1) 4 .54 (1 3, 9) .730 .060 (1 8, 54) 1,52 .25 di a . (6 ,4 ?
kC dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com k snap-acting high force, low motion pivot position low force, high motion pivot position note: lever actuator options are available in either of two pivot positions. levers located in the forward pivot position have lower forces and higher motions. levers located in the r ear pivot position have higher for ces and lower motions. available with actuators a10, a15, t10, t13, t14, t15, t16 and t18. available with actuators a20, a25, t20, t23, t24, t25, t26, and t28. tf series miniature snap-acting switches actuator k snap-acting .030 (0, 51 ) .047 (1, 19 ) .010 (0. 25 ) .21 .35 .35 .53 1.23 1.97 3.8 8 6 10 10 15 35 56 110 .53 .88 1.76 2. 6 5 5. 2 9 7.94 14.11 15 25 50 75 150 225 400 wp0 .235 (5, 97 ) .500 (12 ,7 0) .100 (2, 54 ) n/ a .04 .04 .05 .12 .21 .3 9 1 1 1.5 3.5 6 11 n/ a .14 .28 .42 .85 1. 2 7 2.26 4 8 12 24 36 64 t26 .125 (3, 18 ) .250 (6, 35 ) .055 (1, 40 ) .04 .07 .07 .07 .21 .35 .99 122261028 .18 .28 .53 .88 1.59 2. 4 7 4. 2 3 5 8 15 25 45 70 12 0 t25 .120 (3, 05 ) .250 (6, 35 ) .050 (1, 27 ) .04 .07 .07 .07 .21 .35 .71 122261020 .18 .28 .56 .85 1.69 2. 6 5 4. 4 1 5 8 16 24 48 75 12 5 t23 .060 (1, 52 ) .140 (3, 56 ) .030 (0, 76 ) .21 .35 .35 .53 .71 1.98 3.8 8 6 10 10 15 20 56 110 .53 .71 1.41 2. 1 2 4. 2 3 6 9.70 15 20 40 60 120 170 275 t20 no te : for basic swit c h operating for ce s , se e pag e k-6. .155 (3, 94 ) .300 (7, 62 ) .062 (1, 57 ) n/ a .04 .04 .07 .18 .28 .5 6 1125816 n/ a .21 .42 .71 1. 4 1 2. 1 2 3.53 6 12 20 40 60 10 0 t18 .125 (3, 18 ) .250 (6, 35 ) .045 (1, 14 ) .04 .07 .07 .07 .28 .35 .7 1 122281020 .18 .28 .53 .78 1. 5 9 2.47 4.23 5 8 15 22 45 70 12 0 t16 .065 (1, 65 ) .110 (2, 59 ) .030 (0, 76 ) .07 .14 .14 .18 .28 .63 2.8 2 244581880 .25 .42 1.06 1. 4 1 2. 8 2 4.41 7.94 7 12 30 40 80 125 225 t15 .060 (1, 52 ) .100 (2, 54 ) .030 (0, 76 ) .07 .14 .14 .18 .35 .71 2.8 2 244 5 10 20 80 .28 .42 1.23 1. 7 6 3. 1 7 4.76 7.94 8 12 35 50 90 135 225 t14 .065 (1, 65 ) .100 (2, 54 ) .030 (0, 76 ) .07 .14 .14 .18 .35 .71 2.8 2 2445102080 .28 .42 1.06 1.59 3 4. 5 9 7. 9 4 8 12 30 45 85 130 225 t13 .030 (0, 76 ) .060 (1, 52 ) .015 (0, 38 ) .21 .35 .35 .53 .71 1.98 3.8 8 6 10 10 15 20 56 110 .63 1.06 2.29 3. 1 7 6. 3 5 7.94 14.11 18 30 65 90 180 225 40 0 t10 .050 (1, 27 ) .047 (1, 19 ) .010 (0, 25 ) .21 .35 .35 .53 1.23 1.98 3.8 8 6 10 10 15 35 56 110 .53 .88 1.76 2. 6 5 5. 2 9 7.94 14.11 15 25 50 75 150 225 40 0 p0 0 .120 (3, 05 ) .250 (6, 35 ) .050 (1, 27 ) .04 .07 .07 .07 .21 .35 .7 1 122261020 .18 .28 56 85 1. 6 9 2. 6 5 4.41 5 8 16 24 48 75 12 5 a2 5 .065 (1, 65 ) .100 (2, 54 ) .030 (0, 76 ) .07 .14 .14 .18 .35 .71 2.8 2 2445102080 .28 .42 1.06 1. 5 93 4. 5 9 7.94 8 12 30 45 85 130 225 a1 5 .030 (0, 76 ) .060 (1, 52 ) .015 (0, 38 ) .21 .35 .35 .53 .71 1.98 3.8 8 6 10 10 15 20 56 110 .63 1.06 2.29 3. 1 7 6. 3 5 7.94 14.11 18 30 65 90 180 225 40 0 a1 0 mi ni mu m ov e rtra ve l all fo r ce s ma x im u m pretra ve l all fo r ce s ma x im u m di f fe r en t ia l tra ve l all fo r ce s min im um re l ea se fo r ce (oz./ g ra m s) ma xim um operating fo r ce (oz./ g rams) cc cd cf cg cj ec ee (15) (2 5) (50) (7 5) (15 0 ) ( 225) (4 00) option co d e swi t ch ch a ra c ter i st ic s cc cd cf cg cj ec ee (15) (2 5) (50) (7 5) (15 0 ) ( 225) (4 00) 2 3 3 5 12 20 40 15 20 40 60 120 170 275 a2 0 0.05 5 (1, 40 ) 0.12 (3, 05 ) 0.02 5 (0, 64 ) 0.53 0.71 1.41 2.12 4.23 6 9.7 0.07 0.11 0.11 0.1 8 0.42 0.71 1.41 0.11 (2. 79 ) 0.23 (5, 84 ) .005 (1, 27 ) t24 1 2 2 3 6 10 20 0.04 0.07 0.07 0.1 1 0.21 0.35 0.71 5 8 16 25 50 75 135 0.18 0.28 0.56 0.8 8 1.76 2.65 4.76 0.28 5 (7, 24 ) .0.56 (14 .2 2) 0.12 (3, 05 ) t28 13 59 n/ a 0.04 0.11 0.18 0.32 n/ a n/ a 12 20 30 55 n/ a 0.4 2 0.71 1.06 1.94 n/ a n/ a
tf series miniature snap-acting switches terminations 40 .187" quick connect 5b offset .187" quick connect 5a offset .250" quick connect 4a .250" quick connect circuitr y c spdt (single pole, double thr ow) w spst n.c. (single pole, single thr ow , normally closed) y spst n.o. (single pole, single thr ow, normally open) k snap-acting dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com kC0


▲Up To Search▲   

 
Price & Availability of 185BW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X